Part Number Hot Search : 
74ABT10D ISL7442 JMB353 BD6971FS MTZ12 2156S P6KE12CA A1000
Product Description
Full Text Search
 

To Download AVGA227M25F24T-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type AVGA -40 C to +105 C High Capacitance SMT Aluminum Electrolytic Capacitors
For Filtering, Bypassing and Power Supply Decoupling with High Capacitance Requirements
Type AVGA Capacitors are rated for 2000 hours at 105 C and up to 63 Vdc. They are ideal for high density PC board packaging. The Type AVGA offers a low in-place-cost for a high quality performer. The vertical cylindrical cases facilitate automatic mounting and reflow soldering into the same footprint of like-rated tantalum capacitors except without the need for voltage derating. Type AVGA is RoHS compliant. Highlights * +105 C, Up to 2000 Hours Load Life * Capacitance Range: 0.1 F to 4700 F * Voltage Range: 6.3 Vdc to 63 Vdc -40 C to +105 C 6.3, 10, 16, 25, 35, 50, 63 Vdc 0.1F to 4700 F 20% @ 120 Hz and +20 C
6.3 - 63 V 4 - 10 O 12.5 ~ 16 O I = 0.01 CV or 3 A, whichever is greater, after 2 minutes at +20 C I = 0.03 CV or 4 A, whichever is greater, after 2 minutes at +20 C C = rated capacitance in F V = rated DC Working voltage in V
Specifications
Operating Temperature: Rated Voltage: Capacitance: Capacitance Tolerance:
Leakage Current (at 20 C):
I = leakage current
Dissipation Factor: (Tan at 120 Hz, 20 C)
Rated Voltage 4 ~ 10 O 12.5 ~ 16 O
6.3 0.45 0.4
10 0.35 0.38
16 0.28 0.34
25 0.18 0.26
35 0.16 0.22
50 0.14 0.18
63 0.12 0.14
When the capacitance exceeds 1000 F, .02 shall be added for every 1000 F increase
Low Temperature Characteristic (at 120 Hz):
Rated Voltage Z(-25 C) 4 ~ 10 O
6.3 4
10 3 4 8
16 2 3 6
25 2 2 4
35 2 2 3
50 2 2 3
63 2 2 3
Impedance /Z(+20 C) 12.5 ~ 16 O 5 Ratio Z(-40 C) 4 ~ 10 O 12
/Z(+20 C) 12.5 ~ 16 O 10 8 6 4 3 3 3 Impedance ratio shall not exceed the values given in the table above.
Load Life Test:
Test Time Capacitance Change Dissipation Factor Leakage Current 8 ~ 16 O
2,000 Hours 4 ~ 6.3 O : Within 25 % of initial value : Within 20 % of initial value Within specified value < 200% of specified value
* The above specifications shall be satisfied when the capacitors are restored to 20 C after the rated voltage is applied for 2,000 hrs at 105 C
Shelf LifeTest: Test time: 1000 hours; other items are the same as those for life test.
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com
Type AVGA -40 C to +105 C High Capacitance SMT Aluminum Electrolytic Capacitors
Outline Drawings, Case Code & Dimensions Table
Fig. 1
OD 0.5 B 0.2
0.4 0.2
Case O D Code (mm) B 4.0 5.0 6.3 6.3 8.0 10.0 C D X F G Q H L P
L (mm) 5.7 0.3 5.7 0.3 5.7 0.3 7.7 0.3 10 0.5 10 0.5
A 4.3 5.3 6.6 6.6 8.4
B 4.3 5.3 6.6 6.6 8.4
C
W (mm)
P 0.2 Fig. (mm) No. 1.0 1.5 2.0 2.0 3.1 4.7 4.7 4.2 4.2 6.0 1 1 1 1 1 1 1 2 2 2
A 0.2
(mm) (mm) (mm)
2.0 0.5 to 0.8 2.3 0.5 to 0.8 2.7 0.5 to 0.8 2.7 0.5 to 0.8 3.0 0.7 to 1.1 3.3 0.7 to 1.1 3.3 0.7 to 1.1 4.9 1.1 to 1.4 4.9 1.1 to 1.4 5.8 1.1 to 1.4
L
W
0.3 Max
C 0.2
P
C 0.2
Fig. 2
OD 0.5 B 0.2
10.4 10.4
10.0 10.3 0.5 10.4 10.4 12.5 13.5 0.5 12.8 12.8 12.5 16 0.5 12.8 12.8 16.0 16.5 0.5 16.3 16.3
1.0 Max.
A 0.2
L
W
0.4 Max.
C 0.2
P
C 0.2
Part Numbering System
AVGA Type AVGA 227 Capacitance 104 = .1 F 475 = 4.7 F 106 = 10.0 F 227 = 220 F 478 = 4700 F M Capacitance Tolerance M = 20% 06 = 6.3 Vdc 10 = 10 Vdc 16 = 16 Vdc 25 = 25 Vdc 35 = 35 Vdc 50 = 50 Vdc 63 = 63 Vdc 25 Voltage Code F Case Code See Table 24 = Carrier tap Width (mm) T = Tape & Reel Y = Tray Pack (available for H,L, & P case codes) 24T Packaging Code -F RoHs Compliant
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com
Type AVGA -40 C to +105 C High Capacitance SMT Aluminum Electrolytic Capacitors
Ratings
Cap (F) 47 100 220 330 470 1000 2200 3300 4700 33 47 100 220 330 470 470 1000 2200 3300 4700 10 22 33 47 100 220 330 470 1000 2200 3300 4.7 10 22 33 47 100 220 330 470 1000 2200 AVGA476M06C12T-F AVGA107M06D16T-F AVGA227M06X16T-F AVGA337M06F24T-F AVGA477M06F24T-F AVGA108M06G24T-F AVGA228M06H32T-F AVGA338M06L32T-F AVGA478M06P44T-F AVGA336M10C12T-F AVGA476M10D16T-F AVGA107M10D16T-F AVGA227M10X16T-F AVGA337M10F24T-F AVGA477M10F24T-F AVGA477M10G24T-F AVGA108M10Q24T-F AVGA228M10L32T-F AVGA338M10P44T-F AVGA478M10P44T-F AVGA106M16B12T-F AVGA226M16C12T-F AVGA336M16D16T-F AVGA476M16D16T-F AVGA107M16D16T-F AVGA227M16X16T-F AVGA337M16F24T-F AVGA477M16F24T-F AVGA108M16H32T-F AVGA228M16P44T-F AVGA338M16P44T-F AVGA475M25B12T-F AVGA106M25C12T-F AVGA226M25D16T-F AVGA336M25D16T-F AVGA476M25D16T-F AVGA107M25X16T-F AVGA227M25F24T-F AVGA337M25G24T-F AVGA477M25G24T-F AVGA108M25L32T-F AVGA228M25P44T-F Max. Catalog Part Number Max. DCL (A) 3.0 6.3 14 21 30 63 416 624 888 3.3 4.7 10 22 33 47 47 100 660 990 1410 3.0 3.5 5.3 7.5 16 35 53 75 480 1056 1584 3.0 3.0 5.5 8.3 12 25 55 83 118 750 1650 0.45 0.45 0.45 0.45 0.45 0.45 0.42 0.44 0.46 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.35 0.40 0.42 0.44 0.28 0.28 0.28 0.28 0.28 0.28 0.28 0.28 0.34 0.36 0.38 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.26 0.28 Max. DF @ 120 Hz Max. ESR @ 120 Hz/20 C (ohms) 6.3 Vdc (8 Vdc Surge) 15.87 7.46 3.39 2.26 1.59 0.75 0.32 0.22 0.16 10 Vdc (13 Vdc Surge) 17.58 12.35 5.80 2.64 1.76 1.23 1.23 0.58 0.30 0.21 0.16 16 Vdc (20 Vdc Surge) 46.42 21.10 14.07 9.88 4.64 2.11 1.41 0.99 0.56 0.27 0.19 25 Vdc (32 Vdc Surge) 63.49 29.84 13.56 9.04 6.35 2.98 1.36 0.90 0.64 0.43 0.21 13 23 38 50 60 100 320 375 410 550 820 B C D D D X F G G L P 4x5.7 5x5.7 6.3x5.7 6.3x5.7 6.3x5.7 6.3x7.7 8x10 10x10 10x10 12.5x16 16x16.5 2000 1000 1000 1000 1000 1000 500 500 500 150 125 17 30 45 48 69 120 290 320 550 950 950 B C D D D X F F H P P 4x5.7 5x5.7 6.3x5.7 6.3x5.7 6.3x5.7 6.3x7.7 8x10 8x10 12.5x13.5 16x16.5 16x16.5 2000 1000 1000 1000 1000 1000 500 500 200 125 125 30 48 69 120 290 320 410 410 750 1000 1000 C D D X F F G Q L P P 5x5.7 6.3x5.7 6.3x5.7 6.3x7.7 8x10 8x10 10x10 10x10.3 12.5x16 16x16.5 16x16.5 1000 1000 1000 1000 500 500 500 500 150 125 125 30 69 120 290 320 410 680 850 1000 C D X F F G H L P 5x5.7 6.3x5.7 6.3x7.7 8x10 8x10 10x10 12.5x13.5 12.5x16 16x16.5 1000 1000 1000 500 500 500 200 150 125 Ripple Current @ 120 Hz/105 C (ma) Case Code Size DxL (mm) Quantity Per Reel (ea)
Contact factory for tray pack (Y) quantities
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com
Type AVGA -40 C to +105 C High Capacitance SMT Aluminum Electrolytic Capacitors
Max. Catalog Cap (F) 4.7 10 22 33 47 100 220 330 470 1000 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 100 220 330 470 0.47 1 2.2 3.3 4.7 10 22 33 47 47 100 220 330 470 AVGA475M35B12T-F AVGA106M35C12T-F AVGA226M35D16T-F AVGA336M35D16T-F AVGA476M35X16T-F AVGA107M35F24T-F AVGA227M35G24T-F AVGA337M35Q24T-F AVGA477M35H32T-F AVGA108M35P44T-F AVGA104M50B12T-F AVGA224M50B12T-F AVGA334M50B12T-F AVGA474M50B12T-F AVGA105M50B12T-F AVGA225M50B12T-F AVGA335M50B12T-F AVGA475M50C12T-F AVGA106M50D16T-F AVGA226M50D16T-F AVGA336M50X16T-F AVGA476M50X16T-F AVGA107M50F24T-F AVGA107M50G24T-F AVGA227M50Q24T-F AVGA337M50H32T-F AVGA477M50L32T-F AVGA474M63B12T-F AVGA105M63B12T-F AVGA225M63B12T-F AVGA335M63C12T-F AVGA475M63D16T-F AVGA106M63D16T-F AVGA226M63X16T-F AVGA336M63F24T-F AVGA476M63F24T-F AVGA476M63G24T-F AVGA107M63Q24T-F AVGA227M63H32T-F AVGA337M63P44T-F AVGA477M63P44T-F Part Number Max. DCL (A) 3.0 3.5 7.7 12 16 35 77 116 494 1050 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 5.0 11 17 24 50 50 110 165 235 3.0 3.0 3.0 3.0 3.0 6.3 14 21 30 30 63 416 624 888 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.22 0.22 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.18 0.18 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.14 0.14 0.14 Max. DF @ 120 Hz Max. ESR @ 120 Hz/20 C (ohms) 35 Vdc (44 Vdc Surge) 56.44 26.53 12.06 8.04 5.64 2.65 1.21 0.80 0.78 0.36 50 Vdc (63 Vdc Surge) 2320.96 1054.98 703.32 493.82 232.10 105.50 70.33 49.38 23.21 10.55 7.03 4.94 2.32 2.32 1.06 0.90 0.64 63 Vdc (79 Vdc Surge) 423.27 198.94 90.43 60.28 42.33 19.89 9.04 6.03 4.23 4.23 1.99 1.06 0.70 0.49 Ripple Current @ 120 Hz/105 C (ma) 16 27 44 54 80 320 375 410 520 750 2 3 4 5 10 16 18 20 32 47 65 80 230 375 375 500 550 5 8 12 17 22 32 58 140 170 310 310 470 700 700 B C D D X F G Q H P B B B B B B B C D D X X F G Q H L B B B C D D X F F G Q H P P Case Code Size DxL (mm) 4x5.7 5x5.7 6.3x5.7 6.3x5.7 6.3x7.7 8x10 10x10 10x10.3 12.5x13.5 16x16.5 4x5.7 4x5.7 4x5.7 4x5.7 4x5.7 4x5.7 4x5.7 5x5.7 6.3x5.7 6.3x5.7 6.3x7.7 6.3x7.7 8x10 10x10 10x10.3 12.5x13.5 12.5x16 4x5.7 4x5.7 4x5.7 5x5.7 6.3x5.7 6.3x5.7 6.3x7.7 8x10 8x10 10x10 10x10.3 12.5x13.5 16x16.5 16x16.5 Quantity Per Reel (ea) 2000 1000 1000 1000 1000 500 500 500 200 125 2000 2000 2000 2000 2000 2000 2000 1000 1000 1000 1000 1000 500 500 500 200 150 2000 2000 2000 1000 1000 1000 1000 500 500 500 500 200 125 125
Contact factory for tray pack (Y) quantities
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com
Type AVGA -40 C to +105 C High Capacitance SMT Aluminum Electrolytic Capacitors Recommended Land Patterns by case size for AVGA series
B C
A
B
Case Code B C D X F G Q H L P
Case Size 4x5.7 5x5.7 6.3x5.7 6.3x7.7 8x10 10x10 10x10.3 12.5x13.5 12.5x16 16x16.5
Land Dimensions (mm) C B A 1.6 2.6 1 1.6 3 1.4 1.6 3.5 1.9 1.6 3.5 1.9 2.5 3.5 3 2.5 4 4 2.5 4 4 4 7.5 7 4 7.5 7 6 8.5 9.5
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com
Type AVGA -40 C to +105 C High Capacitance SMT Aluminum Electrolytic Capacitors Recommended Soldering Methods
Recommended Reflow Soldering Profile:
For case diameters 4 thru 6.3 mm with voltage ratings of 6.3 to 50Vdc
For case diameters 4 thru 6.3 mm with a voltage rating of 63 Vdc
For case diameters 8 to 16 mm
Case sizes 4 thru 6.3 mm dia. (4 to 50V) should be subjected to just one reflow soldering process. The 8 thru 16 mm dia. case sizes(and 4 thru 6.3 mm dia. at 63V) should be subjected to a maximum of two reflow soldering processes.
Soldering with a solder iron should be performed with a maximum soldering iron tip temperature of 3505C for 3 to 4 seconds.
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of AVGA227M25F24T-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X